công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5705PAPRG4 bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện TAS5705PAPRG4
Giải thích chi tiết về linh kiện  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPRG4 bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button TAS5705PAPRG4 Datasheet HTML 34Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 35Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 36Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 37Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 38Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 39Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 40Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 41Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
S
Z
–1
AlphaFilterStructure
w
a
B0265-01
Energy
Filter
a w
,
T,K,O
a
w
a,
a
d
d
/
,
a
w
DRC1
DRC2
0x3A
0x40,0x41,0x42
0x3B/0x3C
0x3E/0x3F
0x43,0x44,0x45
0x3D
Compression
Control
Attack
and
Decay
Filters
AudioInput
DRCCoefficient
NOTE:
=a
=1 – a
a
w
AM Tuner Interference Management
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Figure 44. DRC Structure
Digital amplifiers produce AM interference by radio energy emissions near the digital amplifier switching rate and
the harmonics of that switching rate. The digital amplifier emits an interference spectrum in the AM band that is
centered on the second though sixth harmonics of the digital amplifier switching frequency. Because the digital
amplifier switching rate is a multiple of the input data sample rate, the interference frequencies can be changed
by changing the sample rate.
Anatomy of a Receiver
AM receivers are composed of six sections as shown in Figure
The radio-frequency (RF) section has a variable tuner that preselects the frequencies to be received. The RF
section provides only enough filtering to significantly attenuate signals that are significantly above or below the
desired tuned frequency. The RF-section gain is controlled by the AGC to compensate for variations in the signal
strength.
The mixer, variable-frequency oscillator (VFO), and intermediate frequency (IF) sections perform the bulk of the
receiver tuning. In home receivers, the variable oscillator is adjusted so that it is a constant 455 kHz higher than
the desired tuned frequency. The output of the mixer consists of four frequencies, RF, VFO, RF + VFO and RF –
VFO. These signals are then passed into the IF section, where sharp discriminating filters to accept only the
constant 455-kHz (RF – VFO) signal. The resulting signal is amplified and then passed to the detector section,
where it is transformed into an audio signal.
38
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com