| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5705PAP bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAP bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 71 page ![]() Right-Justified 23 22 SCLK 32Clks LRCLK LeftChannel 24-BitMode 1 20-BitMode 16-BitMode 15 14 MSB LSB SCLK 32Clks RightChannel 2-ChannelRight-Justified(SonyFormat)StereoInput T0034-03 19 18 1 19 18 1 0 0 0 15 14 15 14 23 22 1 15 14 MSB LSB 19 18 1 19 18 1 0 0 0 15 14 15 14 TAS5705 SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32, 48, or 64 × fS is used to clock in the data. The first bit of data appears on the data line 8 bit-clock periods (for 24-bit data) after LRCLK toggles. In RJ mode, the LSB of data is always clocked by the last bit clock before LRCLK transitions. The data is written MSB first and is valid on the rising edge of bit clock. The DAP masks unused leading data bit positions. Figure 34. Right-Justified 64-fS Format 30 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5705 |