| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5705PAP bảng dữ liệu(PDF) 58 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAP bảng dữ liệu(HTML) 58 Page - Texas Instruments |
|
58 / 71 page ![]() INPUT MULTIPLEXER REGISTER (0x20) TAS5705 SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com The hex value for each nibble is the channel number. For each input multiplexer, any input from SDIN1 or SDIN2 can be mapped to any internal TAS5705 channel. Table 24. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved = 0x00 D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode 1 – – – – – – – Channel-1 BD mode (1) – 0 0 0 – – – – SDIN1-L to channel 1 (1) – 0 0 1 – – – – SDIN1-R to channel 1 – 0 1 0 – – – – SDIN2-L to channel 1 – 0 1 1 – – – – SDIN2-R to channel 1 – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode – – – – 1 – – – Channel 2 BD mode (1) – – – – – 0 0 0 SDIN1-L to channel 2 – – – – – 0 0 1 SDIN1-R to channel 2 (1) – – – – – 0 1 0 SDIN2-L to channel 2 – – – – – 0 1 1 SDIN2-R to channel 2 – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved (1) Default values are in bold. 58 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5705 |