| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST75C530 bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C530 bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 84 page ![]() The STAOP2 Bits have the following meanings in Data Modem mode : HSHK_PHA (R) Handshake progression counter contains information abou t the progress of the hadshake in V.32 and V.22bis modes. This 8-bit value is available in STAOP2 in modem mode. It can be read to examine the progressio of the handshake and it contains normal values and error values as below : AUTOBAUD ORIG MODE Event HSHK_PHA Value Wait Answer Tone Wait End Answer Tone Not Autobaud and Waiting USC1 Autobaud Waiting AC or USC1 $01 $02 $03 $04 AUTOBAUD ANSW MODE Event HSHK_PHA Value Waiting HSK Command Generating Answer Tone Generating Silence $10 $11 $12 V.32 ORIG MODE EVENT HSHK_PHA Normal Value HSHK_PHA Error Value AC_DET AC/CA DET CA/AC DET NO AC DET S_DET SB_DET R1_DET S_DET SB_DET R3_DET E_DET DATA_MODE $20 $21 $22 $23 $24 $25 $26 $27 $28 $29 $2A $30 $1 $2 $B for RTN, $C for RTN $4 $5 $6 $7 $8 $9, $D no R5 det after RRN $A V.32 ANSW MODE EVENT HSHK_PHA Normal Value HSHK_PHA Error Value AA_DET AA/CC DET NO CC DET S_DET SB_DET2 SB_DET R2_DET E_DET DATA_MODE $40 $41 $42 $43 $44 $45 $46 $47 $50 $8 for RTN, $9 for RRN $1 $2 $3 $4 $5 $6, $A if no R det after RRN $7 V.22bis ORIG MODE EVENT HSHK_PHA Normal Value HSHK USC1_DET SCR1_DET S1_DET DATA_MODE $60 $61 $62 $63 $70 V.22bis ANSW MODE EVENT HSHK_PHA Normal Value HSHK SCR1_DET S1_DET DATA_MODE $80 $82 $83 $90 VIII - STATUS DESCRIPTION (continued) ST75C530 - ST75C540 52/84 |