| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD413A1 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD413A1 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 123 page ![]() Multiplexed Data Bus Bus Control Microcontroller Width Signals Mux 8 WR, RD, PSEN, A0 8031/80C51 Mux/ Non-mux 8/16 R/W, E, BHE, A0 68HC11 Mux 8/16 WR, RD, BHE, A0 80C196/80C186 Mux 16 WRL, RD, WRH, A0 80C196SP Non-mux 16 R/W, LDS, UDS 68302 Non-mux 8/16 R/W, DS, SIZ0, A0 68340 Non-mux 16 R/W, DS, BHE, BLE 68330, 68331 Non-mux 8 RD, WR 68HC05C Non-mux 16 R/W, E, LSTRB, A0 68HC12 Non-mux 16 R/W, DS 68HC16 PSD4XX Family 37 Table 5. Typical Microcontroller Bus Types 9.2 Bus Interface The Bus Interface is very flexible and can be configured to interface to most microcontrollers with no glue logic. Table 5 lists some of the bus types to which the Bus Interface is able to interface. 9.2.1 Bus Interface Configuration The Bus Interface Logic is user configurable. The type of bus interface is specified by the user in the PSDsoft software (PSD configuration). The bus control input pins have multi-function capabilities. By choosing the right configuration, the PSD4XX is able to interface to most microcontrollers, including the ones listed in Table 5. In Table 6, the names of the bus control input signal pins and their multiple functions are shown. For example, Pin PE0 can be configured by the PSD configuration software to perform any one of the five functions. Examples on the interface between the PSD4XX and some typical microcontrollers are shown in following sections. The PSD4XX Architecture (cont.) |