công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST52T301 bảng dữ liệu(PDF) 62 Page - STMicroelectronics

tên linh kiện ST52T301
Giải thích chi tiết về linh kiện  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 bảng dữ liệu(HTML) 62 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 58Page - STMicroelectronics ST52T301 Datasheet HTML 59Page - STMicroelectronics ST52T301 Datasheet HTML 60Page - STMicroelectronics ST52T301 Datasheet HTML 61Page - STMicroelectronics ST52T301 Datasheet HTML 62Page - STMicroelectronics ST52T301 Datasheet HTML 63Page - STMicroelectronics ST52T301 Datasheet HTML 64Page - STMicroelectronics ST52T301 Datasheet HTML 65Page - STMicroelectronics ST52T301 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
AND
Logical AND
Format:
AND regi, regj
Operation:
regi <- regi AND regj
Description: The instruction logically ANDs the contents of the Register File j-th register specified as
source and the destination i-th register in the Register File, leaving the result in the desti-
nation register.
Flags:
Z set if result is zero, cleared otherwise.
S not affected.
Bytes:
2
Cycles:
7
Example:
If the register 4 contains the value 10011100 and the register 12 contains the value
01010101, then the instruction
AND 4,12
10010001 0100|1100
causes the register 4 of the Register File to be loaded with the value 00010100.
62/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100