công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST40RA166XH1 bảng dữ liệu(PDF) 61 Page - STMicroelectronics

tên linh kiện ST40RA166XH1
Giải thích chi tiết về linh kiện  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH1 bảng dữ liệu(HTML) 61 Page - STMicroelectronics

Back Button ST40RA166XH1 Datasheet HTML 57Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 58Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 59Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 60Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 61Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 62Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 63Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 64Page - STMicroelectronics ST40RA166XH1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
8 Pin description
ST40RA
61/94
STMicroelectronics
ADCS 7260755H
8.3
PBGA 27 x 27 ballout
This should be used in conjunction with
Figure 20: Package layout (viewed through package) on
page 76.
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
LDATA0
A17
MD0
Memory data
SL
I/O
LDATA1
B17
MD1
Memory data
SL
I/O
LDATA2
A18
MD2
Memory data
SL
I/O
LDATA3
B18
MD3
Memory data
SL
I/O
LDATA4
A19
MD4
Memory data
SL
I/O
LDATA5
B19
MD5
Memory data
SL
I/O
LDATA6
A20
MD6
Memory data
SL
I/O
LDATA7
B20
MD7
Memory data
SL
I/O
LDATA8
A13
MD8
Memory data
SL
I/O
LDATA9
B13
MD9
Memory data
SL
I/O
LDATA10
A14
MD10
Memory data
SL
I/O
LDATA11
B14
MD11
Memory data
SL
I/O
LDATA12
A15
MD12
Memory data
SL
I/O
LDATA13
B15
MD13
Memory data
SL
I/O
LDATA14
A16
MD14
Memory data
SL
I/O
LDATA15
B16
MD15
Memory data
SL
I/O
LDATA16
A7
MD16
Memory data
SL
I/O
LDATA17
B7
MD17
Memory data
SL
I/O
LDATA18
A8
MD18
Memory data
SL
I/O
LDATA19
B8
MD19
Memory data
SL
I/O
LDATA20
A9
MD20
Memory data
SL
I/O
LDATA21
B9
MD21
Memory data
SL
I/O
LDATA22
A10
MD22
Memory data
SL
I/O
LDATA23
B10
MD23
Memory data
SL
I/O
LDATA24
A3
MD24
Memory data
SL
I/O
LDATA25
B3
MD25
Memory data
SL
I/O
LDATA26
A4
MD26
Memory data
SL
I/O
LDATA27
B4
MD27
Memory data
SL
I/O
LDATA28
A5
MD28
Memory data
SL
I/O
LDATA29
B5
MD29
Memory data
SL
I/O
LDATA30
A6
MD30
Memory data
SL
I/O
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94