| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST40RA166XH1 bảng dữ liệu(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA166XH1 bảng dữ liệu(HTML) 83 Page - STMicroelectronics |
|
83 / 94 page ![]() A Interconnect architecture ST40RA 83/94 STMicroelectronics ADCS 7260755H A.2.3 EMI arbiter LMI2_LATENCY_GPDMA LMI2 arbiter: GPDMA intitiator priority and latency 0x130 [3:0] GPDMA_PRIORITY Defines priority for GPDMA Reset: 0x1 RW [15:4] Reserved [23:16] GPDMA_LATENCY Defines maximum accepted latency for GPDMA Reset: 0x00 RW [31:24] Reserved LATENCY_EMI_ENABLE EMI arbiter: enable latency counters 0x210 0 Reserved Reset: Always 0 1 ENABLE_PCI Enable latency check for PCI Reset: 0 RW 2 ENABLE_EMPI Enable latency check for EMPI Reset: 0 RW 3 ENABLE_GPDMA Enable latency check for GPDMA Reset: 0 RW [31:4] Reserved Reset: Always 0 EMI_CPU_PRI EMI arbiter: CPU priority 0x218 [3:0] CPU_PRIORITY Defines priority for CPU Reset: 0x3 RW [31:4] Reserved EMI_LATENCY_PCI EMI arbiter: PCI intitiator priority and latency 0x220 [3:0] PCI_PRIORITY Defines priority for PCI Reset: 0x2 RW [15:4] Reserved [23:16] PCI_LATENCY Defines maximum accepted latency for PCI Reset: 0x00 RW [31:24] Reserved EMI_LATENCY_EMPI EMI arbiter: EMPI intitiator priority and latency 0x228 [3:0] EMPI_PRIORITY Defines priority for EMPI Reset: 0x1 RW [15:4] Reserved |