| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST40RA166XH1 bảng dữ liệu(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA166XH1 bảng dữ liệu(HTML) 68 Page - STMicroelectronics |
|
68 / 94 page ![]() ADCS 7260755H STMicroelectronics 68/94 ST40RA 8 Pin description EADDR12 U9 MA12 EMI external address MODE10 E4 O I EADDR13 T9 MA13 EMI external address MODE11 E4 O I EADDR14 V11 MA14 EMI external address MODE12 E4 O I EADDR15 U11 MA15 EMI external address MODE13 E4 O I EADDR16 V12 MA16 EMI external address MODE14 E4 O I EADDR17 U12 MA17 EMI external address MODE15 E4 O I EADDR18 U13 MA18 EMI external address MODE16 E4 O I EADDR19 U14 MA19 EMI external address MODE17 E4 O I EADDR20 V15 MA20 EMI external address MODE18 E4 O I EADDR21 U15 MA21 EMI external address MODE19 E4 O I EADDR22 T15 MA22 EMI external address E4 O EADDR23 V16 MA23 EMI external address E4 O EADDR24 U16 MA24 EMI external address E4 O EADDR25 T16 MA25 EMI external address EMPIDACK1 E4 O I EADDR26 V17 MA26 EMI external address EMPIDACK0 E4 O I EDATA0 W4 MD0 External data / MPX address E4 I/O EDATA1 Y4 MD1 External data/MPX address E4 I/O EDATA2 W5 MD2 External data/MPX address E4 I/O EDATA3 Y5 MD3 External data/MPX address E4 I/O EDATA4 V6 MD4 External data/MPX address E4 I/O EDATA5 W6 MD5 External data/MPX address E4 I/O EDATA6 Y6 MD6 External data/MPX address E4 I/O EDATA7 V7 MD7 External data/MPX address E4 I/O EDATA8 W7 MD8 External data/MPX address E4 I/O EDATA9 Y7 MD9 External data/MPX address E4 I/O EDATA10 V8 MD10 External data/MPX address E4 I/O EDATA11 W8 MD11 External data/MPX address E4 I/O EDATA12 Y8 MD12 External data/MPX address E4 I/O EDATA13 V9 MD13 External data/MPX address E4 I/O EDATA14 Y9 MD14 External data/MPX address E4 I/O EDATA15 W9 MD15 External data/MPX address E4 I/O EDATA16 W11 MD16 External data/MPX address E4 I/O EDATA17 Y11 MD17 External data/MPX address E4 I/O EDATA18 W12 MD18 External data/MPX address E4 I/O Pin name Loc Architecture signal name Pin function Pin Default Alternate Type Dir Table 35: PBGA ballout for ST40RA |