| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE821 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 55 page ![]() Basic PWM controller STMPE821 44/55 PWM_OFF_OUTPUT PWM group control register Address: 0xA0 Type: R/W Reset: 0x00 Description: PWM group control register. RAMP_RATE Ramp rate register Address: 0xB2 Type: R/W Reset: 0x00 Description: Ramp rate register. 765 432 10 OUT3 OUT2 OUT1 OUT0 [7:4] RESERVED [3:0] OUT3:0: Default is '0' '1' - PWM channel outputs '1' when disabled '0' - PWM channel outputs '0' when disabled 765 432 10 RESERVED RAMP_DOWN RAMP_UP [7:6] RESERVED [5:3] RAMP_DOWN [2:0]: '000' = 1/4 of time unit per brightness level change '001' = 1/8 of time unit per brightness level change '010' = 1/16 of time unit per brightness level change '011' = 1/32 of time unit per brightness level change '100' = 1/64 of time unit per brightness level change '101' = 1/128 of time unit per brightness level change '110' = reserved '111' = reserved [2:0] RAMP_UP [2:0]: '000' = 1/4 of time unit per brightness level change '001' = 1/8 of time unit per brightness level change '010' = 1/16 of time unit per brightness level change '011' = 1/32 of time unit per brightness level change '100' = 1/64 of time unit per brightness level change '101' = 1/128 of time unit per brightness level change '110' = reserved '111' = reserved |