| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE821 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 55 page ![]() Capacitive touch module registers STMPE821 30/55 INT_MASK Interrupt mask Address: 0x26 Type: R/W Reset: 0x08 Description: Writing '1' to this register disables the corresponding interrupt source. 7654 3 2 1 0 RESERVED EOC I2A A2I RESERVED [7:4] RESERVED [3] EOC: End of calibration This interrupt occurs on both automatic and forced calibration [2] I2A: SLEEP to Active transition [1] A2I: Active to SLEEP transition [0] RESERVED |