| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE821 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 55 page ![]() Capacitive touch module registers STMPE821 36/55 STRENGTH_THRESHOLD Strength threshold Address: 0x50 - 0x5B Type: R/W Reset: 0x01 Description: Strength threshold. STRENGTH Strength Address: 0x60 - 0x67 Type: R Reset: 0x00 Description: The number of times where a sense capacitance exceeds the calibrated reference impedance 7654 3 2 1 0 STRENGTH_THRESHOLD [7:0] STRENGTH_THRESHOLD: Setting threshold to be used in AFS mode to determine valid touch 765 432 10 STRENGTH [7:0] STRENGTH: Read-only field Counts the number of times a sensed impedance exceeds calibrated reference impedance over and integration time. Maximum strength equals Integration Time [7:0] |