công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC810M021FN8 bảng dữ liệu(PDF) 73 Page - NXP Semiconductors

tên linh kiện LPC810M021FN8
Giải thích chi tiết về linh kiện  32-bit ARM Cortex-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 bảng dữ liệu(HTML) 73 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 69Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 70Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 71Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 72Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 73Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 74Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 75Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 76Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4.5 — 8 June 2016
73 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
19. Revision history
Table 30.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC81XM v.4.5
20160608
Product data sheet
-
LPC81XM v.4.4
Modifications:
• Added Section 12.1 “Power-up ramp conditions”.
• Updated Figure 4 “Pin configuration SO20 package (LPC812M101JD20)”: Corrected
function of pin 12 to ACMP_I2.
• Updated the remark in Section 8.12 “USART0/1/2” to: USART2 is available on parts
LPC812M101JTB16, LPC812M101JDH16, and LPC812M101JDH20 only.
LPC81XM v.4.4
20150619
Product data sheet
-
LPC81XM v.4.3
Modifications:
• Section 14.4 “ElectroMagnetic Compatibility (EMC)” added.
LPC81XM v.4.3
20140422
Product data sheet
-
LPC81XM v.4.2
Modifications:
• Section 8.20.2 “Clock input” updated for clarity.
• CLKIN signal removed from Table 13 “Dynamic characteristic: external clock (XTALIN
inputs)”.
• Name “SCT” changed to “SCTimer/PWM” for clarity.
• Remove slew rate control from GPIO features for clarity.
• MRT bus stall mode added.
• WWDT clock source corrected in Section 8.17.1.
• Pin description table updated for clarification (I2C-bus pins, WAKEUP, RESET).
• Added reflow solder diagram and thermal resistance numbers for XSON16
(SOT1341-1).
• Table 22: Added Vref(cmp) spec for PIO0_6/VDDCMP..
LPC81XM v.4.2
20131210
Product data sheet
-
LPC81XM v.4.1
Modifications:
Corrected vertical axis marker in Figure 21 “CoreMark score”.
LPC81XM v.4.1
20131112
Product data sheet
-
LPC81XM v.4
Modifications:
• Corrected XSON16 pin information in Figure 6 and Table 4.
LPC81XM v.4
20131025
Product data sheet
-
LPC81XM v.3.1
Modifications:
• Added Section 14.1 “Typical wake-up times”.
• Added LPC812M101JTB16 and XSON16 package.
LPC81XM v.3.1
20130916
Product data sheet
-
LPC81XM v.3
Modifications:
• Correct the pin interrupt features: Pin interrupts can wake up the part from Sleep
mode, Deep-sleep mode, and Power-down mode. See Section 8.11.1.
• Table 9 “Static characteristics”: Updated power numbers for Deep-sleep, Power-down,
and Deep power-down.
• Added 30 MHz data to Figure 13 “Active mode: Typical supply current IDD versus
supply voltage VDD”, Figure 14 “Active mode: Typical supply current IDD versus
temperature”, and Figure 15 “Sleep mode: Typical supply current IDD versus
temperature for different system clock frequencies”.
LPC81XM v.3
20130729
Product data sheet
-
LPC81XM v.2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com