| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8001FTB/AF bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8001FTB/AF bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 7 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC Note: All pads except LA and LB are electrically disconnected after dicing. (6) pad center to chip edge 165.5 m Bump Size: LA, LB 294 x 164 m Remaining pads 60 x 60 m Table 3. HITAG µ - Mega bumps dimensions Description Dimension |