| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8001FTB/AF bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8001FTB/AF bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 17 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC The RWD sends either the SOF at the start of a valid request or a special switch command to the HITAG µ (as shown in Figure 5) in order to transfer it into the data exchange mode. 11.2.1 SWITCH Setting the transponder into data exchange mode (advanced mode) is done by sending SOF pattern or the switch command within the listening window (232.5 x TC). The SWITCH command itself does not contain SOF and EOF. Fig 5. Reader downlink modulation for SWITCH command 001aaj825 carrier on 0 0 0 0 1 1 stop condition time code violation SOF FDX ADV command carrier off transceiver carrier on carrier off 0 switch command Table 11. SWITCH Command Command Description 5 No. of bits 00011 |