| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8001FTB/AF bảng dữ liệu(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8001FTB/AF bảng dữ liệu(HTML) 23 Page - NXP Semiconductors |
|
23 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 23 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 12. General protocol timing specification For requests where an EEPROM erase and/or programming operation is required, the transponder IC returns its response when it has completed the write/lock operation. This will be after 20 ms upon detection of the last falling edge of the interrogator request or after the interrogator has switched off the field. 12.1 Waiting time before transmitting a response after an EOF from the RWD When the HITAG advanced/advanced+ in data exchange mode has detected an EOF of a valid RWD request or when this EOF is in the normal sequence of a valid RWD request, it waits for TFp1 before starting to transmit its response to a RWD request or when switching to the next slot in an inventory process. TFp1 starts from the detection of the falling edge of the EOF received from the RWD. Remark: The synchronization on the falling edge from the RWD to the EOF of the HITAG µ transponder ICs is necessary to ensure the required synchronization of the HITAG µ transponder IC responses. The minimum value of TFp1 is TFp1min = 204 TC The typical value of TFp1 is TFp1typ = 209 TC The maximum value of TFp1 is TFp1max = 213 TC If the HITAG µ transponder IC detects a carrier modulation during this time (TFp1), it shall reset its TFp1-timer and wait for a further time (TFp1) before starting to transmit its response to a RWD request or to switch to the next slot when in an inventory process. Fig 13. General protocol timing diagram 001aaj833 carrier on request response request (or EOF) carrier off load off load on HITAG μ transceiver TNRT TFp1 TFp2 |