| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FXLS8961AF bảng dữ liệu(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS8961AF bảng dữ liệu(HTML) 92 Page - NXP Semiconductors |
|
92 / 101 page ![]() NXP Semiconductors FXLS8961AF 3-Axis Low-g Accelerometer Term Description if the accelerometer is placed on a vertical plane, the ideal output is 0 g for the Z-axis. The deviation of each output from the ideal value is called zero-g offset. Offset is, to some extent, a result of stress on the sensor and how well the sensor is leveled when soldered to the board. Therefore, the zero-g offset can change after mounting the sensor onto a printed circuit board or exposing it to extensive mechanical stress. For applications that require increased precision, any residual post-board mount offset may be removed using the OFF_X/Y/Z registers, or alternatively, in the host application software. Table 121. Glossary...continued 21 References [1] AN1902 — Assembly Guidelines for QFN and DFN Packages, https://www.nxp.com/docs/en/application-note/ AN1902.pdf [2] AN13193 — Self-test procedure for FXLS896xAF and FXLS897xCF, https://www.nxp.com/docs/en/application-note/ AN13193.pdf [3] UM10204 — I2C-bus specification and user manual, https://www.nxp.com/docs/en/user-guide/UM10204.pdf FXLS8961AF All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 2.1 — 7 March 2024 92 / 101 |