công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CN-14A-R-C3 bảng dữ liệu(PDF) 14 Page - Panasonic Semiconductor

tên linh kiện CN-14A-R-C3
Giải thích chi tiết về linh kiện  Pressure Sensor Evolutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C3 bảng dữ liệu(HTML) 14 Page - Panasonic Semiconductor

Back Button CN-14A-R-C3 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 15Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 16Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 17Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DP-100
13
I/O CIRCUIT AND WIRING DIAGRAMS
PRECAUTIONS FOR PROPER USE
Never use this product as a sensing device for
personnel protection.
In case of using sensing devices for personnel
protection, use products which meet laws and standards,
such as OSHA, ANSI or IEC etc., for personnel
protection applicable in each region or country.
The DP-100 series is designed for use with non-corrosive
gas. It cannot be used with liquid or corrosive gas.
Wiring
Make sure that the power supply is off while wiring.
Verify that the supply voltage variation is within the rating.
If power is supplied from a commercial switching regulator, ensure
that the frame ground (F.G.) terminal of the power supply is
connected to an actual ground.
In case noise generating equipment (switching regulator, inverter
motor, etc.) is used in the vicinity of this sensor, connect the frame
ground (F.G.) terminal of the equipment to an actual ground.
Do not run the wires together with high-voltage lines or power lines or put
them in the same raceway. This can cause malfunction due to induction.
Incorrect wiring will cause problems with operation.
Connection
Do not apply stress directly to the
connection cable leader or to the
connector.
Connector
attached cable
[CN-14A(-R)-C ]
Conditions in use for CE conformity
The DP-100 series is a CE conformity product complying with
EMC Directive. The harmonized standard with regard to immunity
that applies to this product is EN 61000-6-2 and the following
condition must be met to conform to that standard.
The MS-DP1-2 panel mounting bracket (optional) and the MS-DP1-3
front protection cover (optional) are also available.
Condition
Mounting
The line to connect with this sensor should be less than
30 m 98.425 ft.
MS-DP1-1/MS-DP1-5 sensor mounting brackets are available
separately, and it should be used for mounting. When tightening
the sensor to the sensor mounting bracket, use a tightening torque
of 0.5 N·m or less.
Sensor mounting bracket
MS-DP1-1 (Optional)
M3 (length 6 mm 0.236 in)
screws with washers
Accessory for MS-DP1-1
and MS-DP1-5
PNP output type
Terminal
Designation
+V
0 V
Standard type: Comparative output 2
Multi-function type: Analog output or External input
Comparative output 1
Terminal arrangement diagram
1
2
3
4
I/O circuit diagram
12 to 24 V DC
±10 %
+
(Black) Comparative output 1
Load
Load
(White) Comparative output 2
Tr1
ZD2
ZD1
Tr2
100 mA max.
100 mA max.
(Blue) 0 V
D
Standard type
1
4
2
3
Users’ circuit
Internal circuit
Terminal No.
Color code of connection cable
(Brown) +V
1 k
ZD1
D1
D2
(White) Analog voltage output
or External input
Load
(Black)
Comparative output 1
Tr1
Tr2
100 mA max.
Multi-function type
1
4
2
3
Users’ circuit
Internal circuit
12 to 24 V DC
±10 %
+
(Brown) +V
(Blue) 0 V
Terminal No.
Color code of connection cable
Symbols
D : Reverse supply polarity protection diode
ZD1, ZD2 : Surge absorption zener diode
Tr1, Tr2 : PNP output transistor
Symbols
D1, D2 : Reverse supply polarity protection diode
ZD1: Surge absorption zener diode
Tr1 : PNP output transistor
Tr2 : NPN input transistor
Front protection cover
MS-DP1-3 (optional)
Panel mounting bracket
MS-DP1-2 (optional)
(
)
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com