công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CN-14A-R-C3 bảng dữ liệu(PDF) 7 Page - Panasonic Semiconductor

tên linh kiện CN-14A-R-C3
Giải thích chi tiết về linh kiện  Pressure Sensor Evolutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C3 bảng dữ liệu(HTML) 7 Page - Panasonic Semiconductor

Back Button CN-14A-R-C3 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6
Equipped with auto-reference / remote zero-adjustment functions,
More precise pressure management is achieved with a minimum of effort
If the reference pressure of the
device changes, two functions
are selectable. One is
auto-reference function, which
partially shift the comparative
output judgment level by the
amount that the reference
pressure shifts. The other is
remote zero-adjustment
function, which can reset the
display value to zero via
external input. These functions
are ideal for places where the
reference pressure fluctuates
wildly, or where fine settings are
required.
Multi-function type
With auto-reference function applied
20
15
0
– 5
OK
Comparative output: Window comparator mode
Hi-1
0, Lo-1
– 5
30
Auto-reference input
Sets the absolute threshold level
The display remains at “30” and
only the threshold level is changed.
Threshold level before applying
auto-reference input
Trial 1
25
Time
Pressure
Auto-reference input value
Comparative output: Window comparator mode
Hi-1
0, Lo-1
– 5
Sets the absolute threshold level
With remote zero-adjustment function applied
20
15
0
– 5
OK
30
Remote zero-adjustment input
Threshold level before applying
remote zero-adjustment input
Threshold level after applying
remote zero-adjustment input
Trial 1
25
Time
Pressure
Displayed when remote zero-
adjustment input is applied
– 5
Without auto-reference and remote zero-adjustment functions
0
30
40
OK
NG?
NG?
25
Comparative output: Window comparator mode
Hi-1
30, Lo-1
25
Fixed set value
20
Leak threshold level
Variation in the filling pressure
15
Trial 1
Trial 2
Trial 3
Time
Pressure
The display is forced to “0”, and only the
filling pressure drop range is displayed.
0
Threshold level after applying
auto-reference input
Because the threshold level is fixed for conventional pressure sensors,
changes in the reference pressure result in wrong decisions.
When remote zero-adjustment input is applied, the reference pressure is forced to “0”.
If the reference pressure changes to “20” or “40”, the remote zero-adjustment input
adjusts the reference pressure to “0” every time the reference pressure changes, so
any variation in the filling pressure can be ignored.
When auto-reference input is applied, the reference pressure “30” is
added to the threshold level. If the reference pressure changes to “20” or
“40”, the auto-reference input compensates for this every time by changing
the threshold level, so any variation in the filling pressure can be ignored.
Energy-saving design! Equipped with an ECO mode
This mode lowers the display luminance to cut power consumption
by approximately 30 %. The displays can also be turned off
completely to achieve a power saving of approximately 40 %.
Peak hold and Bottom hold functions
The peak values and bottom values for fluctuating pressures can be
displayed using the dual display.
Blinks alternately
Normal
Current consumption for
24 V power supply:
35 mA or less
ECO-STD
Current consumption for
24 V power supply:
25 mA or less
ECO-FULL
Current consumption for
24 V power supply:
20 mA or less
Approx.
30 % less
Approx.
40 % less
Power consumption
Power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com