công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CN-14A-R-C3 bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện CN-14A-R-C3
Giải thích chi tiết về linh kiện  Pressure Sensor Evolutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C3 bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

Back Button CN-14A-R-C3 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C3 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
7
Other useful functions
Indicates desired values and letters
Setting details can be recognized at a glance
The
DP-100 setting details appear in the digital display. Because
the settings are in numeric form that can be easily understood, it is
useful such as when receiving technical support by telephone.
1st digit: Setting status for
comparative output 1
5th digit: Response time
setting
6th digit: Display unit setting
7th digit: Display refresh rate setting
8th digit: ECO mode setting
2nd digit: Setting status for
comparative output 2
3rd digit: Threshold value setting
4th digit: Display color setting
The code on the main display is 3205.
The sub display shows 7011.
What are the check
codes for the setting?
Cable can be connected with one-touch
Connector attached cable (2m 6.562 ft), as an accessory, can be
connected easily with one-touch connection.
Types without connector attached
cable are also available
Commercially-available connectors can be used for cable
connections. Cables in required length can be used, so this
contributes to reduction in waste of unwanted cables.
Connection cable *
DP-10 -J
Environmentally
friendly
Sub display can be customized
The sub display can be set to indicate any other desired values or
letters apart from the threshold value. This eliminates the need for
tasks such as affixing a label to the device to indicate the normal
pressure value.
* Options: 1 m 3.281 ft / 3 m 9.843 ft / 5 m 16.404 ft
types are also available.
Commercially-available
parts can be used!
Commercially-available
parts can be used!
<Desired letter display>
<Unit display><Number display>
M8 plug-in connector types are also available (Only for Europe)
M8 connector
G1/8 male thread
M5 female thread
Mating cable
CN-24A-C2 (cable length 2 m 6.562 ft)
CN-24A-C5 (cable length 5 m 16.404 ft)
DP-11 -E-P-J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com