công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2855IGN#PBF bảng dữ liệu(PDF) 15 Page - Analog Devices

tên linh kiện LTC2855IGN#PBF
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN#PBF bảng dữ liệu(HTML) 15 Page - Analog Devices

Back Button LTC2855IGN#PBF Datasheet HTML 10Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 11Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 12Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 13Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 14Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 15Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 16Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 17Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTC2854/LTC2855
15
285455fc
For more information www.linear.com/LTC2854
PACKAGE DESCRIPTION
4.00
±0.10
(2 SIDES)
3.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE A VARIATION OF VERSION
(WGED) IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
0.40
±0.10
BOTTOM VIEW—EXPOSED PAD
1.70
±0.10
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
2.50 REF
1
6
12
7
PIN 1 NOTCH
R = 0.20 OR
0.35
× 45°
CHAMFER
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(UE12/DE12) DFN 0806 REV D
2.50 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.20
±0.05
0.70
±0.05
3.60
±0.05
PACKAGE OUTLINE
3.30
±0.10
0.25
±0.05
0.50 BSC
1.70
±0.05
3.30
±0.05
0.50 BSC
0.25
±0.05
DE/UE Package
12-Lead Plastic DFN (4mm
× 3mm)
(Reference LTC DWG # 05-08-1695 Rev D)
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com