công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2855IGN#PBF bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện LTC2855IGN#PBF
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN#PBF bảng dữ liệu(HTML) 4 Page - Analog Devices

  LTC2855IGN#PBF Datasheet HTML 1Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 2Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 3Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 4Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 5Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 6Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 7Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 8Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2854/LTC2855
4
285455fc
For more information www.linear.com/LTC2854
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. High temperatures degrade operating lifetimes.
Operating lifetime is derated at temperatures greater than 105°C.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, TE = 0V unless otherwise noted (Note 2).
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection activates at a junction temperature exceeding
150°C. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, TE = 0V unless otherwise noted (Note 2).
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
fMAX
Maximum Data Rate
Note 3
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
10
50
ns
DtPD
Driver Input to Output Difference
|tPLHD-tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
6
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1
±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
12.5
ns
tZLD, tZHD, tLZD, tHZD Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0 (Figure 5)
l
70
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC (Figure 5)
l
8
µs
tSHDN
Time to Shutdown
RL = 500Ω, CL = 50pF
(DE = ↓, RE = VCC) or (DE = 0, RE ↑)
(Figure 5)
l
100
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V, tR and
tF < 4ns (Figure 6)
l
50
70
ns
tSKEWR
Differential Receiver Skew
|tPLHR-tPHLR|
CL = 15pF (Figure 6)
l
1
6
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
12.5
ns
tZLR, tZHR, tLZR, tHZR Receiver Enable/Disable
RL = 1k, CL =15pF, DE = VCC (Figure 7)
l
50
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V (Figure 7)
l
8
µs
tRTEN, tRTZ
Termination Enable or Disable Time
VB = 0V, VAB = 2V, RE = VCC, DE = 0V
(Figure 8)
l
100
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICCT
Supply Current in Transmit Mode
No Load, DE = VCC, RE = VCC, TE = 0V
l
450
1000
µA
ICCTR
Supply Current with Both Driver and
Receiver Enabled
No Load, DE = VCC, RE = 0V, TE = 0V
l
450
1000
µA
ICCTERM
Supply Current in Termination Mode
DE = 0V, RE = VCC, TE = VCC
l
110
180
µA
ICCTERMR
Supply Current in Receive and
Termination Mode
DE = 0V, RE = 0V, TE = VCC
l
450
950
µA
ICCTERMT
Supply Current in Transmit and
Termination Mode
DE = VCC, RE = VCC, TE = VCC
l
470
1000
µA
ICCTERMTR
Supply Current with Driver, Receiver
and Termination Enabled
DE = VCC, RE = 0V, TE = VCC
l
470
1000
µA
ESD Protection
ESD Protection for RS485/RS422 Pins
A, B on LTC2854, Human Body Model
Y, Z, A, B on LTC2855, Human Body Model
±25
±15
kV
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com