công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2855IGN#PBF bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện LTC2855IGN#PBF
Giải thích chi tiết về linh kiện  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN#PBF bảng dữ liệu(HTML) 1 Page - Analog Devices

  LTC2855IGN#PBF Datasheet HTML 1Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 2Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 3Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 4Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 5Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 6Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 7Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 8Page - Analog Devices LTC2855IGN#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2854/LTC2855
1
285455fc
For more information www.linear.com/LTC2854
3.3V 20Mbps RS485/RS422
Transceivers with Integrated
Switchable Termination
The LTC®2854 and LTC2855 are low power, 20Mbps
RS485/RS422 transceivers operating on 3.3V supplies.
Thereceiverincludesalogic-selectable120Ωtermination,
one-eighth unit load supporting up to 256 nodes per bus
(C-, I-Grade), and a failsafe feature that guarantees a high
outputstateunderconditionsoffloatingorshortedinputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supplyisremoved.Excessivepowerdissipationcausedby
bus contention or a fault is prevented by current limiting
all outputs and by a thermal shutdown.
EnhancedESDprotectionallowstheLTC2854towithstand
±25kV(humanbodymodel)andtheLTC2855towithstand
±15kV on the transceiver interface pins without latchup
or damage.
n
Low Power RS485/RS422 Transceiver
n
Level Translator
n
Backplane Transceiver
n
Integrated, Logic-Selectable 120Ω Termination Resistor
n
3.3V Supply Voltage
n
20Mbps Maximum Data Rate
n
No Damage or Latchup Up to ±25kV HBM
n
High Input Impedance Supports 256 Nodes (C-, I-Grade)
n
Operation Up to 125°C (H-Grade)
n
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
n
Current Limited Drivers and Thermal Shutdown
n
Delayed Micropower Shutdown: 5µA Maximum (C-, I-Grade)
n
Power Up/Down Glitch-Free Driver Outputs
n
Low Operating Current: 370µA Typical in Receive Mode
n
Compatible with TIA/EIA-485-A Specifications
n
Available in 10-Pin 3mm × 3mm DFN, 12-Pin
4mm × 3mm DFN and 16-Pin SSOP Packages
LTC2854 at 20Mbps into 54Ω
PART NUMBER
DUPLEX
PACKAGE
LTC2854
HALF
DFN-10
LTC2855
FULL
SSOP-16, DFN-12
RE
TE
RO
DE
DI
R
D
285455 TA01
LTC2854
120
RE
RO
TE
DE
DI
R
D
LTC2854
120
RE
RO
TE DE
DI
R
D
LTC2854
120
20ns/DIV
2V/DIV
285455 TA01b
A-B
B
A
DI
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
APPLICATIONS
PRODUCT SELECTION GUIDE


Số phần tương tự - LTC2855IGN#PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2855IGN LINER-LTC2855IGN Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855IGNPBF LINER-LTC2855IGNPBF Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855IGNTRPBF LINER-LTC2855IGNTRPBF Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
More results

Mô tả tương tự - LTC2855IGN#PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
20Mbps RS485 Transceivers with Integrated Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com