công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 186 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 186 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 444 page
background image
Peripherals
Before the RADIO is able to receive a packet, it must first ramp up in RX mode, see RXRU in Radio states on
page 184 and Receive sequence on page 186.
An RXRU ramp up sequence is initiated when the RXEN task is triggered. After the RADIO has successfully
ramped up it will generate the READY event indicating that a packet reception can be initiated. A packet
reception is initiated by triggering the START task. As illustrated in Radio states on page 184, the START
task can first be triggered after the RADIO has entered into the RXIDLE state.
The following figure shows a single packet reception where the CPU manually triggers the different tasks
needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are not used, a certain
amount of delay caused by CPU execution is expected between READY and START, and between END and
DISABLE. The RADIO will be listening and possibly receiving undefined data, represented with an 'X', from
START and until a packet with valid preamble (P) is received.
RXRU
3
1
2
RXIDLE
A
S0 L S1
PAYLOAD
CRC
P
RX
RXIDLE
RXDISABLE
’X’
Figure 66: Receive sequence
The following figure shows a slightly modified version of the receive sequence, where the RADIO is
configured to use shortcuts between READY and START, and between END and DISABLE, which means that
no delay is introduced.
RXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
’X’
Figure 67: Receive sequence using shortcuts to avoid delays
The RADIO is able to receive consecutive packets without having to disable and re-enable the RADIO
between packets, as illustrated in the figure below.
4454_140 v1.0
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com