công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52811-QCAA-R bảng dữ liệu(PDF) 184 Page - Nordic Semiconductor

tên linh kiện NRF52811-QCAA-R
Giải thích chi tiết về linh kiện  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R bảng dữ liệu(HTML) 184 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 444 page
background image
Peripherals
DISABLED
TXRU
TXIDLE
TX
Ramp-up
complete
/ READY
START
Packet sent / END
Address sent
/ ADDRESS
Payload sent
[payload length >=0]
/ PAYLOAD
RXRU
RXIDLE
RX
Ramp-up
complete
/ READY
START
Packet received / END
Address received
[Address match]
/ ADDRESS
Payload received
[payload length >=0]
/ PAYLOAD
RXDISABLE
/ DISABLED
TXDISABLE
/ DISABLED
STOP
STOP
Last bit sent / PHYEND
TXEN
RXEN
DISABLE
DISABLE
TXEN
Figure 62: Radio states
This figure shows how the tasks and events relate to the RADIO's operation. The RADIO does not prevent
a task from being triggered from the wrong state. If a task is triggered from the wrong state, for example
if the RXEN task is triggered from the RXDISABLE state, this may lead to incorrect behavior. The PAYLOAD
event is always generated even if the payload is zero.
The END to START shortcut should not be used with Ble_LR125Kbit, Ble_LR500Kbit, and
Ieee802154_250Kbit modes. Rather the PHYEND to START shortcut.
6.14.6 Transmit sequence
Before the RADIO is able to transmit a packet, it must first ramp-up in TX mode. See TXRU in Radio states
on page 184 and Transmit sequence on page 185. A TXRU ramp-up sequence is initiated when the
TXEN task is triggered. After the RADIO has successfully ramped up it will generate the READY event
indicating that a packet transmission can be initiated. A packet transmission is initiated by triggering the
START task. The START task can first be triggered after the RADIO has entered into the TXIDLE state.
The following figure illustrates a single packet transmission where the CPU manually triggers the different
tasks needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are not used, a
certain amount of delay caused by CPU execution is expected between READY and START, and between
END and DISABLE. As illustrated in Transmit sequence on page 185 the RADIO will by default transmit
'1's between READY and START, and between END and DISABLED. What is transmitted can be programmed
through the DTX field in the MODECNF0 register.
4454_140 v1.0
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com