| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 360 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 360 Page - Nordic Semiconductor |
|
360 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_NCTS CTS is deactivated (set high). Not Clear To Send. NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.8 EVENTS_RXDRDY Address offset: 0x108 Data received in RXD (but potentially not yet transferred to Data RAM) Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RXDRDY Data received in RXD (but potentially not yet transferred to Data RAM) NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.9 EVENTS_ENDRX Address offset: 0x110 Receive buffer is filled up Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ENDRX Receive buffer is filled up NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.10 EVENTS_TXDRDY Address offset: 0x11C Data sent from TXD Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TXDRDY Data sent from TXD NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.11 EVENTS_ENDTX Address offset: 0x120 Last TX byte transmitted 4463_156 v1.0 360 |