công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52820-QDAA-R bảng dữ liệu(PDF) 353 Page - Nordic Semiconductor

tên linh kiện NRF52820-QDAA-R
Giải thích chi tiết về linh kiện  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R bảng dữ liệu(HTML) 353 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 353Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 354Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 355Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 356Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 357Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 437 page
background image
Peripherals
The GPIOs used for each UART interface can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of board space
and signal routing.
Note: The external crystal oscillator must be enabled to obtain sufficient clock accuracy for stable
communication. See CLOCK — Clock control on page 69 for more information.
6.25.1 EasyDMA
The UARTE implements EasyDMA for reading and writing to and from the RAM.
If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 15 for more information about the different
memory regions.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/
TX transmission immediately after having received the RXSTARTED/TXSTARTED event.
The ENDRX and ENDTX events indicate that the EasyDMA is finished accessing the RX or TX buffer in RAM.
6.25.2 Transmission
The first step of a DMA transmission is storing bytes in the transmit buffer and configuring EasyDMA. This
is achieved by writing the initial address pointer to TXD.PTR, and the number of bytes in the RAM buffer to
TXD.MAXCNT. The UARTE transmission is started by triggering the STARTTX task.
After each byte has been sent over the TXD line, a TXDRDY event will be generated.
When all bytes in the TXD buffer, as specified in the TXD.MAXCNT register, have been transmitted, the
UARTE transmission will end automatically and an ENDTX event will be generated.
A UARTE transmission sequence is stopped by triggering the STOPTX task. A TXSTOPPED event will be
generated when the UARTE transmitter has stopped.
If the ENDTX event has not already been generated when the UARTE transmitter has come to a stop, the
UARTE will generate the ENDTX event explicitly even though all bytes in the TXD buffer, as specified in the
TXD.MAXCNT register, have not been transmitted.
If flow control is enabled through the HWFC field in the CONFIG register, a transmission will be
automatically suspended when CTS is deactivated and resumed when CTS is activated again, as shown in
the following figure. A byte that is in transmission when CTS is deactivated will be fully transmitted before
the transmission is suspended.
4463_156 v1.0
353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More