| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 333 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 333 Page - Nordic Semiconductor |
|
333 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_READ Read command received NotGenerated 0 Event not generated Generated 1 Event generated 6.23.8.12 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW WRITE_SUSPEND Shortcut between event WRITE and task SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW READ_SUSPEND Shortcut between event READ and task SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.23.8.13 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Enable or disable interrupt for event STOPPED Disabled 0 Disable Enabled 1 Enable B RW ERROR Enable or disable interrupt for event ERROR Disabled 0 Disable Enabled 1 Enable E RW RXSTARTED Enable or disable interrupt for event RXSTARTED Disabled 0 Disable Enabled 1 Enable F RW TXSTARTED Enable or disable interrupt for event TXSTARTED Disabled 0 Disable Enabled 1 Enable G RW WRITE Enable or disable interrupt for event WRITE Disabled 0 Disable Enabled 1 Enable H RW READ Enable or disable interrupt for event READ Disabled 0 Disable Enabled 1 Enable 4463_156 v1.0 333 |