| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 295 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 295 Page - Nordic Semiconductor |
|
295 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW BB_SUSPEND Shortcut between event BB and task SUSPEND Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW BB_STOP Shortcut between event BB and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.20.8.13 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Write '1' to enable interrupt for event STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW RXDREADY Write '1' to enable interrupt for event RXDREADY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW TXDSENT Write '1' to enable interrupt for event TXDSENT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ERROR Write '1' to enable interrupt for event ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW BB Write '1' to enable interrupt for event BB Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW SUSPENDED Write '1' to enable interrupt for event SUSPENDED Generated just after ACK bit has been transferred in a read transaction, and only if SUSPEND has been requested earlier. Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.20.8.14 INTENCLR Address offset: 0x308 Disable interrupt 4463_156 v1.0 295 |