| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 283 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 283 Page - Nordic Semiconductor |
|
283 / 437 page ![]() Peripherals 6.19.1.7 A0 Address offset: 0x520 Slope of first piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x00000326 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 0 0 1 1 0 ID Access Field Value ID Value Description A RW A0 Slope of first piecewise linear function 6.19.1.8 A1 Address offset: 0x524 Slope of second piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x00000348 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 0 1 0 0 0 ID Access Field Value ID Value Description A RW A1 Slope of second piecewise linear function 6.19.1.9 A2 Address offset: 0x528 Slope of third piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x000003AA 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 1 0 1 0 1 0 ID Access Field Value ID Value Description A RW A2 Slope of third piecewise linear function 6.19.1.10 A3 Address offset: 0x52C Slope of fourth piecewise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A Reset 0x0000040E 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 1 1 1 0 ID Access Field Value ID Value Description A RW A3 Slope of fourth piecewise linear function 6.19.1.11 A4 Address offset: 0x530 Slope of fifth piecewise linear function 4463_156 v1.0 283 |