| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 273 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 273 Page - Nordic Semiconductor |
|
273 / 437 page ![]() Peripherals 6.17.5.16 PSELSCK ( Deprecated ) Address offset: 0x508 Pin select for SCK Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PSELSCK [0..31] Pin number configuration for SPI SCK signal Disconnected 0xFFFFFFFF Disconnect 6.17.5.17 PSELMISO ( Deprecated ) Address offset: 0x50C Pin select for MISO Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PSELMISO [0..31] Pin number configuration for SPI MISO signal Disconnected 0xFFFFFFFF Disconnect 6.17.5.18 PSELMOSI ( Deprecated ) Address offset: 0x510 Pin select for MOSI Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PSELMOSI [0..31] Pin number configuration for SPI MOSI signal Disconnected 0xFFFFFFFF Disconnect 6.17.5.19 PSELCSN ( Deprecated ) Address offset: 0x514 Pin select for CSN Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PSELCSN [0..31] Pin number configuration for SPI CSN signal Disconnected 0xFFFFFFFF Disconnect 6.17.5.20 RXDPTR ( Deprecated ) Address offset: 0x534 4463_156 v1.0 273 |