| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 264 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 264 Page - Nordic Semiconductor |
|
264 / 437 page ![]() Peripherals EasyDMA RAM SPIS ACQUIRED RXD.PTR TXD.PTR TXD+1 TXD TXD+n TXD+2 RXD+1 RXD RXD+n RXD+2 EasyDMA MISO MOSI ACQUIRE RELEASE OVERFLOW PSEL.MISO PSEL.MOSI PSEL.CSN PSEL.SCK Semaphore SPI slave tranceiver DEF CSN END OVERREAD Figure 102: SPI slave The SPIS supports SPI modes 0 through 3. The CONFIG register allows setting CPOL and CPHA appropriately. Mode Clock polarity Clock phase CPOL CPHA SPI_MODE0 0 (Active High) 0 (Trailing Edge) SPI_MODE1 0 (Active High) 1 (Leading Edge) SPI_MODE2 1 (Active Low) 0 (Trailing Edge) SPI_MODE3 1 (Active Low) 1 (Leading Edge) Table 80: SPI modes 6.17.1 Shared resources The SPI slave shares registers and other resources with other peripherals that have the same ID as the SPI slave. Therefore, you must disable all peripherals that have the same ID as the SPI slave before the SPI slave can be configured and used. Disabling a peripheral that has the same ID as the SPI slave will not reset any of the registers that are shared with the SPI slave. It is important to configure all relevant SPI slave registers explicitly to secure that it operates correctly. The Instantiation table in Instantiation on page 18 shows which peripherals have the same ID as the SPI slave. 6.17.2 EasyDMA The SPIS implements EasyDMA for accessing RAM without CPU involvement. The SPIS peripheral implements the following EasyDMA channels. 4463_156 v1.0 264 |