| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 258 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 258 Page - Nordic Semiconductor |
|
258 / 437 page ![]() Peripherals 6.16.5.12 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Write '1' to disable interrupt for event STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to disable interrupt for event ENDRX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ENDTX Write '1' to disable interrupt for event ENDTX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW STARTED Write '1' to disable interrupt for event STARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.16.5.13 ENABLE Address offset: 0x500 Enable SPIM Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENABLE Enable or disable SPIM Disabled 0 Disable SPIM Enabled 7 Enable SPIM 6.16.5.14 PSEL.SCK Address offset: 0x508 Pin select for SCK 4463_156 v1.0 258 |