| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 241 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 241 Page - Nordic Semiconductor |
|
241 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW TICK Write '1' to disable interrupt for event TICK Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW OVRFLW Write '1' to disable interrupt for event OVRFLW Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-F RW COMPARE[i] (i=0..3) Write '1' to disable interrupt for event COMPARE[i] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.10.10 EVTEN Address offset: 0x340 Enable or disable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW TICK Enable or disable event routing for event TICK Disabled 0 Disable Enabled 1 Disable B RW OVRFLW Enable or disable event routing for event OVRFLW Disabled 0 Disable Enabled 1 Disable C-F RW COMPARE[i] (i=0..3) Enable or disable event routing for event COMPARE[i] Disabled 0 Disable Enabled 1 Disable 6.14.10.11 EVTENSET Address offset: 0x344 Enable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW TICK Write '1' to enable event routing for event TICK Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable B RW OVRFLW Write '1' to enable event routing for event OVRFLW Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable 4463_156 v1.0 241 |