| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 191 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 191 Page - Nordic Semiconductor |
|
191 / 437 page ![]() Peripherals 6.12.15.12 TASKS_CCASTART Address offset: 0x02C Start the clear channel assessment used in IEEE 802.15.4 mode Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CCASTART Start the clear channel assessment used in IEEE 802.15.4 mode Trigger 1 Trigger task 6.12.15.13 TASKS_CCASTOP Address offset: 0x030 Stop the clear channel assessment Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CCASTOP Stop the clear channel assessment Trigger 1 Trigger task 6.12.15.14 EVENTS_READY Address offset: 0x100 RADIO has ramped up and is ready to be started Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_READY RADIO has ramped up and is ready to be started NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.15 EVENTS_ADDRESS Address offset: 0x104 Address sent or received Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ADDRESS Address sent or received NotGenerated 0 Event not generated Generated 1 Event generated 4463_156 v1.0 191 |