| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 137 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 137 Page - Nordic Semiconductor |
|
137 / 437 page ![]() Peripherals the pin specified by CONFIG.PSEL will be configured as an output overriding the DIR setting and OUT value in GPIO. When Disabled is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will use its configuration from the PIN[n].CNF registers in GPIO. Note: A pin can only be assigned to one GPIOTE channel at a time. Failing to do so may result in unpredictable behavior. 6.9.4 Registers Base address Peripheral Instance Description Configuration 0x40006000 GPIOTE GPIOTE GPIO tasks and events Table 43: Instances Register Offset Description TASKS_OUT[0] 0x000 Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is configured in CONFIG[0].POLARITY. TASKS_OUT[1] 0x004 Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is configured in CONFIG[1].POLARITY. TASKS_OUT[2] 0x008 Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is configured in CONFIG[2].POLARITY. TASKS_OUT[3] 0x00C Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is configured in CONFIG[3].POLARITY. TASKS_OUT[4] 0x010 Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is configured in CONFIG[4].POLARITY. TASKS_OUT[5] 0x014 Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is configured in CONFIG[5].POLARITY. TASKS_OUT[6] 0x018 Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is configured in CONFIG[6].POLARITY. TASKS_OUT[7] 0x01C Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is configured in CONFIG[7].POLARITY. TASKS_SET[0] 0x030 Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it high. TASKS_SET[1] 0x034 Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it high. TASKS_SET[2] 0x038 Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it high. TASKS_SET[3] 0x03C Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it high. TASKS_SET[4] 0x040 Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it high. TASKS_SET[5] 0x044 Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it high. TASKS_SET[6] 0x048 Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it high. TASKS_SET[7] 0x04C Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it high. TASKS_CLR[0] 0x060 Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it low. TASKS_CLR[1] 0x064 Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it low. TASKS_CLR[2] 0x068 Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it low. TASKS_CLR[3] 0x06C Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it low. TASKS_CLR[4] 0x070 Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it low. TASKS_CLR[5] 0x074 Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it low. TASKS_CLR[6] 0x078 Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it low. TASKS_CLR[7] 0x07C Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it low. EVENTS_IN[0] 0x100 Event generated from pin specified in CONFIG[0].PSEL EVENTS_IN[1] 0x104 Event generated from pin specified in CONFIG[1].PSEL EVENTS_IN[2] 0x108 Event generated from pin specified in CONFIG[2].PSEL EVENTS_IN[3] 0x10C Event generated from pin specified in CONFIG[3].PSEL EVENTS_IN[4] 0x110 Event generated from pin specified in CONFIG[4].PSEL EVENTS_IN[5] 0x114 Event generated from pin specified in CONFIG[5].PSEL 4463_156 v1.0 137 |