| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 434 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 434 Page - Nordic Semiconductor |
|
434 / 437 page ![]() Ordering information Abbrevitation Definition and implemented codes N52/nRF52 nRF52 Series product 820 Part code <PP> Package variant code <VV> Function variant code <H><P><F> Build code H - Hardware version code P - Production configuration code (production site, etc.) F - Firmware version code (only visible on shipping container label) <YY><WW><LL> Tracking code YY - Year code WW - Assembly week number LL - Wafer lot code <CC> Container code Table 129: Abbreviations 10.4 Code ranges and values Defined here are the nRF52820 code ranges and values. <PP> Package Size (mm) Pin/Ball count Pitch (mm) QD QFN 5 x 5 40 0.4 Table 130: Package variant codes <VV> Flash (kB) RAM (kB) AA 256 32 Table 131: Function variant codes <H> Description [A . . Z] Hardware version/revision identifier (incremental) Table 132: Hardware version codes 4463_156 v1.0 434 |