| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 396 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 396 Page - Nordic Semiconductor |
|
396 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Enable K RW EP0DATADONE Enable or disable interrupt for event EP0DATADONE Disabled 0 Disable Enabled 1 Enable L RW ENDISOIN Enable or disable interrupt for event ENDISOIN Disabled 0 Disable Enabled 1 Enable M-T RW ENDEPOUT[i] (i=0..7) Enable or disable interrupt for event ENDEPOUT[i] Disabled 0 Disable Enabled 1 Enable U RW ENDISOOUT Enable or disable interrupt for event ENDISOOUT Disabled 0 Disable Enabled 1 Enable V RW SOF Enable or disable interrupt for event SOF Disabled 0 Disable Enabled 1 Enable W RW USBEVENT Enable or disable interrupt for event USBEVENT Disabled 0 Disable Enabled 1 Enable X RW EP0SETUP Enable or disable interrupt for event EP0SETUP Disabled 0 Disable Enabled 1 Enable Y RW EPDATA Enable or disable interrupt for event EPDATA Disabled 0 Disable Enabled 1 Enable 6.26.13.23 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW USBRESET Write '1' to enable interrupt for event USBRESET Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW STARTED Write '1' to enable interrupt for event STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-J RW ENDEPIN[i] (i=0..7) Write '1' to enable interrupt for event ENDEPIN[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW EP0DATADONE Write '1' to enable interrupt for event EP0DATADONE Set 1 Enable 4463_156 v1.0 396 |