công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D7EST bảng dữ liệu(PDF) 46 Page - OSRAM GmbH

tên linh kiện D7EST
Giải thích chi tiết về linh kiện  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST bảng dữ liệu(HTML) 46 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 42Page - OSRAM GmbH D7EST Datasheet HTML 43Page - OSRAM GmbH D7EST Datasheet HTML 44Page - OSRAM GmbH D7EST Datasheet HTML 45Page - OSRAM GmbH D7EST Datasheet HTML 46Page - OSRAM GmbH D7EST Datasheet HTML 47Page - OSRAM GmbH D7EST Datasheet HTML 48Page - OSRAM GmbH D7EST Datasheet HTML 49Page - OSRAM GmbH D7EST Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
45
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.10 Additional
information on
OSRAM DULUX® EL
SENSOR Plus
1. Why doesn’t the lamp come on immediately in a darkened room?
• IR (= infra red) radiation from the sun may still be getting into the room
• There is an IR source in the room (such as a light bulb switched on)
• Depending on the IR level it may take up to 45 seconds for the lamp to switch on
2. Can I have several lamps in one luminaire or in neighbouring luminaires?
• Yes, provided the sensors are not pointing directly at the other lamps.
3. How can I test a lamp in a luminaire?
• You can do this by simply applying mains voltage (see Self-test)
• Further testing can only be carried out at considerable cost. Covering the sensors
may cause the lamp to go out after 45 seconds. If the sensors are then uncovered
again the lamp will switch on again only after a lengthy period of time and will
switch off as the ambient brightness increases.
4. In one luminaire the lamp switches on too early in the evening.
• Cause:
The luminaire or lamp is pointing east-north-east. In the evening very
little light (and therefore IR radiation) falls on the lamp.
• Remedy:
Change the position of the luminaire, change the shade over the
luminaire, turn the sensor towards the source of light.
5. In one luminaire the lamp switches on too late in the morning.
• Cause:
The luminaire or lamp is pointing west-north-west. In the morning very
little light (and therefore IR radiation) falls on the lamp. The problem may
rest with the design of the luminaire – the sensors may not be „seeing“
and IR radiation.
• Remedy:
Change the position of the luminaire, change the shade over the
luminaire, turn the sensor towards the source of light.
6. The lamp flashes at night in the luminaire.
• Cause:
An external light source (IR) is interfering with the normal operation of
the lamp or the luminaire cover is the problem.
• Remedy:
Change the luminaire cover, turn the sensors towards daylight (IR).
As an OSRAM DULUX IC is used to control the lamp, the life of the lamp will not be
significantly affected by frequent on/off switching.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com