công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D7EST bảng dữ liệu(PDF) 17 Page - OSRAM GmbH

tên linh kiện D7EST
Giải thích chi tiết về linh kiện  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST bảng dữ liệu(HTML) 17 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 13Page - OSRAM GmbH D7EST Datasheet HTML 14Page - OSRAM GmbH D7EST Datasheet HTML 15Page - OSRAM GmbH D7EST Datasheet HTML 16Page - OSRAM GmbH D7EST Datasheet HTML 17Page - OSRAM GmbH D7EST Datasheet HTML 18Page - OSRAM GmbH D7EST Datasheet HTML 19Page - OSRAM GmbH D7EST Datasheet HTML 20Page - OSRAM GmbH D7EST Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
1. General
16
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.9 OSRAM DULUX® EL
LONGLIFE
FACILITY
Reference
DEL
DEL
FCY
FCY
10 W
14 W
Warm start (start with cathode preheating)
Yes
Yes
Power input (W)
10
14
Lamp current rms value (mA)
80
110
Peak value (mA)
240
380
Luminous flux (lm)
500
800
Luminous efficacy (lm/W)
50
57
Colour appearance
827
827
Colour rendering group
1B
1B
Energy Label classification
A
A
Length l1 (mm) E27 and B22d bases
64±3
72,5±3
E14 base
69±3
–
Length l2 (mm) E27 and B22d bases 129±3
131±3
E14 base
134±3
–
Diameter d (mm)
45
52
Weight (g)
55
80
Available with base
E27/E14
E27
B22d
B22d
Suitable for DC operation
Yes
Yes
Rated average life (h)
15000
15000
The electronic brand name compact fluorescent lamp for professional applications,
based on Longlife technology.
• OSRAM DULUX® EL FACILITY can be switched on and off any number of times with-
in its average life of 15000 h in accordance with IEC regulations and has the same
comfort and economy features as the OSRAM DULUX® EL LONGLIFE
• Power-Boost facility so it reaches its rated luminous flux more quickly (90 % in 100 s)
• Short ignition times of less than 0.5 s
• Suitable for operation at temperatures from -30°C to +50°C; reliable starting as low
as -30°C
• No need to leave the lamp off for a certain time before switching it on again
• Suitable for 220 – 240 V DC systems
• Not suitable for use with dimmers, electronic switches or systems that warn of
imminent disconnection by dimming the light
© 10 W
© 14 W
40 W
Bellalux Soft
75 W
Bellalux Soft
d
NEW
LONGLIFE
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com