công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D7EST bảng dữ liệu(PDF) 21 Page - OSRAM GmbH

tên linh kiện D7EST
Giải thích chi tiết về linh kiện  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST bảng dữ liệu(HTML) 21 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 17Page - OSRAM GmbH D7EST Datasheet HTML 18Page - OSRAM GmbH D7EST Datasheet HTML 19Page - OSRAM GmbH D7EST Datasheet HTML 20Page - OSRAM GmbH D7EST Datasheet HTML 21Page - OSRAM GmbH D7EST Datasheet HTML 22Page - OSRAM GmbH D7EST Datasheet HTML 23Page - OSRAM GmbH D7EST Datasheet HTML 24Page - OSRAM GmbH D7EST Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
1. General
20
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
How it works:
The lamp is controlled by infra-red (IR) radiation.
Infra-red radiation is emitted by the sun, remote controls and artificial light sources
such as incandescent and halogen lamps. By contrast, fluorescent lamps emit very
little IR radiation once they have reached their normal operation state. The light from
such lamps does not interfere the IR sensor which could make the lamps flicker or go
off.
In the case of sunlight, it can be assumed that the brightness of the visible light is
proportional to the intensity of the infra-red radiation. The two sensors on the lamp
(behind the red covers) detect the IR radiation in the vicinity of the lamp. A measure-
ment signal is derived from this, and this signal is then evaluated by the electronic
circuitry in the lamp:
After a maximum of 30 minutes the translucence of the luminaire is measured.
In the evening
bright
⇒ dark
Large amount of IR
⇒ Small amount of IR
Switch-on value is reached
The lamp switches itself on
Self-test each time power is applied.
A complete lamp test is performed. All the components of the lamp are checked for
correct operation. The lamp will light after about two seconds to indicate that the test
has been successfully completed.
Power is applied
Processor test
Evaluation of the sensors
If light
The lamp lights
after about 2 seconds
The lamp switches off after
6 to 8 seconds
If dark
The lamp lights
The light stays on
1.3.11 OSRAM DULUX® EL
LONGLIFE
SENSOR Plus
In the morning
dark
⇒ bright
Small amount of IR
⇒ Large amount of IR
Switch-off value is reached
The lamp switches itself off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com