công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC2G66GD bảng dữ liệu(PDF) 20 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC2G66GD
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66GD bảng dữ liệu(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66GD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 24Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
20 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Fig 28. Package outline SOT833-1 (XSON8)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT833-1
- - -
MO-252
- - -
SOT833-1
07-11-14
07-12-07
DIMENSIONS (mm are the original dimensions)
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
2.0
1.9
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
8
2
7
3
6
4
5
8
×
(2)
4
×
(2)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26