công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC2G66GD bảng dữ liệu(PDF) 15 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC2G66GD
Giải thích chi tiết về linh kiện  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66GD bảng dữ liệu(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
15 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
11.3 Test circuits
Test conditions:
VCC = 1.65 V: Vi = 1.4 V (p-p).
VCC = 2.3 V: Vi = 2 V (p-p).
VCC = 3 V: Vi = 2.5 V (p-p).
VCC = 4.5 V: Vi = 4 V (p-p).
Fig 20. Test circuit for measuring total harmonic distortion
001aag492
VIH
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
600
Ω
fi
RL
10
μF
CL
D
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads 3dB.
Fig 21. Test circuit for measuring the frequency response when switch is in ON-state
001aag491
VIH
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
50
Ω
fi
RL
0.1
μF
CL
dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig 22. Test circuit for measuring isolation (OFF-state)
001aag493
VIL
VO
VCC
0.5VCC
nZ/nY
nY/nZ
nE
50
Ω
fi
RL
0.5VCC
RL
0.1
μF
CL dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26