| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC2G66GD bảng dữ liệu(PDF) 14 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66GD bảng dữ liệu(HTML) 14 Page - Nexperia B.V. All rights reserved |
|
14 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 2 April 2013 14 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch Vct crosstalk voltage between digital inputs and switch; RL =600 ; CL =50pF; fi = 1 MHz; tr =tf = 2 ns; see Figure 23 VCC =1.65V - - - mV VCC =2.3 V - 91 - mV VCC =3.0 V - 119 - mV VCC = 4.5 V - 205 - mV Xtalk crosstalk between switches; RL =600 ; CL =50pF; fi = 1 MHz; see Figure 24 VCC =1.65V - - - dB VCC =2.3 V - 56 - dB VCC =3V - 56 - dB VCC =4.5 V - 56 - dB between switches; RL =50 ; CL =5pF; fi = 1 MHz; see Figure 24 VCC =1.65V - - - dB VCC =2.3 V - 29 - dB VCC =3V - 28 - dB VCC =4.5 V - 28 - dB Qinj charge injection CL = 0.1 nF; Vgen =0 V; Rgen =0 ; fi = 1 MHz; RL =1M; see Figure 25 VCC = 1.8 V - 3.3 - pC VCC = 2.5 V - 4.1 - pC VCC = 3.3 V - 5.0 - pC VCC = 4.5 V - 6.4 - pC VCC = 5.5 V - 7.5 - pC Table 12. Additional dynamic characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C. Symbol Parameter Conditions Min Typ Max Unit |