công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO6040HDFPR bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện ISO6040HDFPR
Giải thích chi tiết về linh kiện  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040HDFPR bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button ISO6040HDFPR Datasheet HTML 23Page - Texas Instruments ISO6040HDFPR Datasheet HTML 24Page - Texas Instruments ISO6040HDFPR Datasheet HTML 25Page - Texas Instruments ISO6040HDFPR Datasheet HTML 26Page - Texas Instruments ISO6040HDFPR Datasheet HTML 27Page - Texas Instruments ISO6040HDFPR Datasheet HTML 28Page - Texas Instruments ISO6040HDFPR Datasheet HTML 29Page - Texas Instruments ISO6040HDFPR Datasheet HTML 30Page - Texas Instruments ISO6040HDFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = 15pF
Figure 6-11. ISO6042H or ISO6042L Supply Current
vs Data Rate (With 15pF Load)
Data Rate (Mbps)
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
ICC1 at 1.8V
ICC1 at 2.5V
ICC1 at 3.3V
ICC1 at 5V
ICC2 at 1.8V
ICC2 at 2.5V
ICC2 at 3.3V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 6-12. ISO6042H or ISO6042L Supply Current
vs Data Rate (With No Load)
High-Level Output Current (mA)
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VCC at 5V
VCC at 3.3V
VCC at 2.5V
VCC at 1.8V
TA = 25°C
Figure 6-13. High-Level Output Voltage vs High-
level Output Current
Low-Level Output Current (mA)
0
5
10
15
0
0.2
0.4
0.6
0.8
1
VCC at 5V
VCC at 3.3V
VCC at 2.5V
VCC at 1.8V
TA = 25°C
Figure 6-14. Low-Level Output Voltage vs Low-
Level Output Current
Free-Air Temperature (°C)
-40
-15
10
35
60
85
110 125
1.3
1.35
1.4
1.45
1.5
1.55
1.6
VCC1+
VCC1-
VCC2+
VCC2-
Figure 6-15. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free-Air Temperature (°C)
-40
-15
10
35
60
85
110 125
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
tPHL at 1.8V
tPHL at 2.5V
tPHL at 3.3V
tPHL at 5V
tPLH at 1.8V
tPLH at 2.5V
tPLH at 3.3V
tPLH at 5V
Figure 6-16. Propagation Delay Time vs Free-Air
Temperature
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com