| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RIVA128 bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RIVA128 bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 77 page ![]() 128-BIT 3D MULTIMEDIA ACCELERATOR RIVA 128 47/77 9 BOOT ROM INTERFACE BIOS and initialization code for the RIVA 128 is accessed from a 32KByte ROM. The RIVA 128 memory bus interface signals FBD[15:0] and FBD[31:24] are used to address and access one of 64KBytes of data respectively. The unique decode to the ROM device is provided by the ROMCS# chip select signal. Figure 55. ROM interface ROM interface timing specification Figure 56. ROM interface timing diagram FBD[15:0] FBD[31:24] ROMCS# D[7:0] A[15:0] CS ROM WE RIVA 128 FBD[17] OE FBD[16] ROM Read tBAS tBRCS tBAH tBRCA tBRV tBRH tBDBZ tBDS tBDH tBDZ tBOS address data FDB[15:0] ROMCS# OE# (FBD[16]) WE# (FBD[17]) FDB[31:24] ROM Write tBAS tBRCS tBAH tBWDS tBWDH address data FDB[15:0] ROMCS# OE# (FBD[16]) WE# (FBD[17]) FDB[31:24] tBWS tBWL tBOH |