công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8SLVP2102 bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện 8SLVP2102
Giải thích chi tiết về linh kiện  Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP2102 bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button 8SLVP2102 Datasheet HTML 13Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 14Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP2102 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
©2018 Integrated Device Technology, Inc.
March 13, 2018
8SLVP2102 Datasheet
Power Considerations
This section provides information on power dissipation and junction temperature for the IDT8SLVP2102I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the IDT8SLVP2102I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
The maximum current at 85° is as follows:
IEE_MAX = 56mA
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 56mA = 194.04mW
•
Power (outputs)MAX = 36mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 36mW = 144mW
Total Power_MAX (3.465V, with all outputs switching) = 194.04mW + 144mW = 338.04mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 74.7°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.338W * 74.7°C/W = 110.2°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 5. Thermal Resistance
JA for 16-Lead VFQFPN, Forced Convection
JA by Velocity
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
74.7°C/W
65.3°C/W
58.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com