| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MK50H25 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 64 page ![]() A 16-23 ALE SYSCLK ADDRESS BM0,1 READY DAS HLDA HOLD NOTES: 2. Output delay times are the maximum delay from the specifed edge to a valid output. 3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments until the slave device returns READY. 64 24 25 65 26 27 40 23 23 43 44 41 42 28 22 60 61 48 48 T0 T1 T 2 T3 T4 T5 T6 DATA ADDR DAL0-15 READ DALO DALI 29 34 33 35 45 1. The shaded SYSCLK periods T0 and T5 will be removed when setting CSR2 bit 15, CYCLE =1 to select the shorter DMA cycle as shown in Figure 8a. Figure 8: MK50H25 BUS Master Timing Diagram (Write) (for CYCLE = 0, CSR2<15>) MK50H25 54/64 |