| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MK50H25 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 64 page ![]() SECTION 4 PROGRAMMING SPECIFICATION This section defines the Control and Status Reg- isters and the memory data structures required to program the MK50H25. 4.1 Control and Status Registers There are six Control and Status Registers (CSR’s) resident within the MK50H25. The CSR’s are accessed through two bus address- able ports, an address port (RAP), and a data port (RDP), thus requiring only two locations in the system memory or I/O map. 4.1.1 Accessing the Control & Status Registers The CSR’s are read (or written) in a two step op- eration. The address of the CSR is written into the address port (RAP) during a bus slave transac- tion. During a subsequent bus slave transaction, the data being read from (or written into) the data port (RDP) is read from (or written into) the CSR selected in the RAP. Once written, the address in RAP remains unchanged until rewritten or upon a bus reset. A control I/O pin (ADR) is provided to distinguish the address port from the data port. ADR Port L Register Data Port (RDP) H Register Address Port (RAP) 4.1.1.1 Register Address Port (RAP) 00 0000 00 B M 8 00 0 CSR <2:0> 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 H B Y E T BIT NAME DESCRIPTION 15:08 RESERVED Must be written as zeroes 07 BM8 When set, places chip into 8 bit mode. CSR’s, Init Block, and data transfers are all 8 bit transfers; this provides compatibility with 8 bitmicroprocessors. When clear, all transfers are 16 bit transfers. This bit must be set to the same value each time it is written, changing this bit during normal operation will achieve unexpected results. BM8 is READ/WRITE and cleared on Bus RESET. 06:04 RESERVED Must be written as zeroes 03:01 CS3<2:0> CSR address select bits. READ/WRITE. Selects the CSR to be accessed through the RDP. RAP is cleared by Bus RESET. CSR<2:0> CSR 0 CSR0 1 CSR1 2 CSR2 3 CSR3 4 CSR4 5 CSR5 00 HBYTE Determines which byte is addressed for 8 bit mode. If set, the high byte of the register referred to by CSR<2:0> is addressed, otherwise the low byte is addressed. This bit is only meaningful in 8 bit mode and must be written as zero if BM8=0. HBYTE is READ/WRITE and cleared on bus reset. MK50H25 14/64 |