công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S5D3 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp

tên linh kiện S5D3
Giải thích chi tiết về linh kiện  S5D3 Microcontroller Group
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D3 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp

Back Button S5D3 Datasheet HTML 28Page - Renesas Technology Corp S5D3 Datasheet HTML 29Page - Renesas Technology Corp S5D3 Datasheet HTML 30Page - Renesas Technology Corp S5D3 Datasheet HTML 31Page - Renesas Technology Corp S5D3 Datasheet HTML 32Page - Renesas Technology Corp S5D3 Datasheet HTML 33Page - Renesas Technology Corp S5D3 Datasheet HTML 34Page - Renesas Technology Corp S5D3 Datasheet HTML 35Page - Renesas Technology Corp S5D3 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
R01DS0328EU0120 Rev.1.20
Page 32 of 89
Dec 13, 2023
S5D3 Datasheet
2. Electrical Characteristics
Note 1.
Programming or erasing the flash memory is disabled in Subosc-speed mode.
Note 2.
See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB, PCLKC,
PCLKD, FCLK, and BCLK frequencies.
Note 3.
The ADC12 cannot be used.
2.3.2
Clock Timing
Table 2.12
Operation frequency value in Subosc-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f
29.4
-
36.1
kHz
Peripheral module clock (PCLKA)*2
-
-
36.1
Peripheral module clock (PCLKB)*2
-
-
36.1
Peripheral module clock (PCLKC)*2,*3
-
-
36.1
Peripheral module clock (PCLKD)*2
-
-
36.1
Flash interface clock (FCLK)*1, *2
29.4
-
36.1
External bus clock (BCLK)*2
-
-
36.1
EBCLK pin output
-
-
36.1
Table 2.13
Clock timing except for sub-clock oscillator (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EBCLK pin output cycle time
tBcyc
16.6
-
-
ns
Figure 2.7
EBCLK pin output high pulse width
tCH
3.3
-
-
ns
EBCLK pin output low pulse width
tCL
3.3
-
-
ns
EBCLK pin output rise time
tCr
--
5.0
ns
EBCLK pin output fall time
tCf
--
5.0
ns
EXTAL external clock input cycle time
tEXcyc
41.66
-
-
ns
Figure 2.8
EXTAL external clock input high pulse width
tEXH
15.83
-
-
ns
EXTAL external clock input low pulse width
tEXL
15.83
-
-
ns
EXTAL external clock rise time
tEXr
--
5.0
ns
EXTAL external clock fall time
tEXf
--
5.0
ns
Main clock oscillator frequency
fMAIN
8-
24
MHz
-
Main clock oscillation stabilization wait time
(crystal) *1
tMAINOSCWT
--
-*1
ms
Figure 2.9
LOCO clock oscillation frequency
fLOCO
29.4912
32.768
36.0448
kHz
-
LOCO clock oscillation stabilization wait time
tLOCOWT
-
-
60.4
μ
s
Figure 2.10
ILOCO clock oscillation frequency
fILOCO
13.5
15
16.5
kHz
-
MOCO clock oscillation frequency
FMOCO
6.8
8
9.2
MHz
-
MOCO clock oscillation stabilization wait time
tMOCOWT
-
-
15.0
μ
s-
HOCO clock oscillator
oscillation frequency
Without FLL
fHOCO16
15.78
16
16.22
MHz
-20 ≤ Ta ≤ 105°C
fHOCO18
17.75
18
18.25
fHOCO20
19.72
20
20.28
fHOCO16
15.71
16
16.29
-40 ≤ Ta ≤ -20°C
fHOCO18
17.68
18
18.32
fHOCO20
19.64
20
20.36
With FLL
fHOCO16
15.960
16
16.040
-40 ≤ Ta ≤ 105°C
Sub-clock
frequency accuracy
is ±50 ppm.
fHOCO18
17.955
18
18.045
fHOCO20
19.950
20
20.050
HOCO clock oscillation stabilization wait time*2
tHOCOWT
-
-
64.7
μ
s-
FLL stabilization wait time
tFLLWT
--
1.8
ms
-
PLL clock frequency
fPLL
120
-
240
MHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com